Part Number Hot Search : 
2EZ33D5 DG506A 07000 0805KYCT 1N991B SPL840PT 74ALVC16 144EE
Product Description
Full Text Search
 

To Download BCM7315 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM7315
(R)
SINGLE-CHIP SATELLITE SET-TOP BOX DECODER
FEATURES * All-Digital Satellite Receivers
- 1-45 Mbaud variable rate receiver - Integrated 7-bit A/D converters - Complies with DVB/DIRECTV(R)/Digicipher IITM FEC Decoder Data Transport Processor - Support for DIRECTV(R) and MPEG transport streams - DES/DVB descrambler - Support for 64 PIDs and 64 section filters - Support for play/record from/to hard disk MPEG-ATSC Compliant Audio/Video Decoders - MP@ML MPEG-2 video decoder - Decode of MPEG Layer 1 and Layer 2 Audio - Support for Dolby(R) AC-3 and compressed PCM Broadcom Graphics Engine (BGE) - Supports 3 Graphics, 1 x video and H/W cursor planes - 2D video scaling support - Integrated PAL/NTSC/SECAM encoder - ITU-656 input support MIPS32TM CPU Core @ 175 MHz - MMU Support - EJTAG debug support IDE Host Adapter - ATA5 command set, Ultra ATA/66 I/F
SUMMARY OF BENEFITS * Provides a cost-effective solution for direct broadcast satellite *
(DBS) applications Fully integrated QPSK receiver, MPEG-2 A/V decoder, MIPSTM CPU and peripherals for complete set-top box system - Low cost solution for next generation set-top boxes PVR capability enables personal viewing and scheduling, video-on-demand (VOD), and VCR "trick mode" effects on any video stream - Encryption ensures copy protection of recorded programming content - Simultaneous support for record and playback Advanced 2D graphics system allows applications such as Internet browsers and electronic program guides to deliver studio quality text and graphics on television monitors Broadcom-developed device drivers enable rapid software development cycle with support of industry-standard operating systems Subsystems are based on Broadcom's field-proven production-available technologies
*
*
*
* * *
*
*
*
BCM7315 Single-Chip System Block Diagram
Dual SmartCard
Flash
SDRAM BCM3440 CMOS Tuner
BCM7315
Dual Video Output Dual Audio Output
PVR
OVERVIEW
IDE/ ITU-R656 I2S
IDE Host IFC
Satellite Access/ ICAM MPEG Xport
QPSK Receiver
XPORT
SD-MPEG-2 Video Decoder
Graphics
Video Encoder
Video DACs (4)
Video Composite S-Video Channel 3/4 HSX Audio Left _p/n Right _p/n
RF Modulator MPEG/Dolby Audio Decoder SPDIF ISB DMA Clients: IDE, USB, EBI BME SDRAM Clients: Xport, MPEG, Graphics Audio, DMA USB 1.1 Host Controller
Audio DACs
MIPS MMU (175 MHz)
Host
EBI
EJTAG
DDR-SDRAM Controller
Peripheral
SRAM ROM (FLASH)
Test ICE
16-bit DDR-DRAM
IR/uART SPI/I2C/GPIO/PWM SMARTCARD
The BCM7315 is a satellite set-top box system on a single chip, integrating Broadcom's field-proven BCM4500 QPSK Demodulator technology, as well as technology derived from Broadcom's existing cable products (such as the BCM7115 cable STB single-chip device). The BCM7315 is designed based on a unified memory architecture, (UMA), utilizing 16-bit wide double data rate (DDR) memory for added performance. The BCM7315 is a complete single chip that can decode transport streams, delivered either via the external BCM3440 CMOS tuner or via the IDE host I/F from an external hard disk drive, (or combination), and display the resulting decoded audio and video on a television monitor connected to the set-top box. A channel 3-4 RF modulator is also included on-chip to further reduce system design complexity. The on-
chip video encoder supports NTSC/PAL and SECAM with optional Macrovision 7.1 on the output. The BCM7315 includes Broadcom's advanced 2D graphics engine, offering true studio quality text and graphics with extremely efficient use of memory and bandwidth The BCM7315 also incorporates a complete industry standard MIPS32TM based microprocessor subsystem, including 8-KB Instruction cache, 8-KB Data cache and 2-KB read ahead cache. Internal bridges to memory and local busses provide support for external peripherals onchip as well as off-chip. A full range of peripheral devices are supported on the BCM7315, including UARTs, dual ISO7816 smart card I/Fs, GPIOs, counters/ timers, IR Tx/Rx, I2C and SPI controllers.
Broadcom(R), the pulse logo, and Connecting everything(R) are trademarks of Broadcom Corporation and/ or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2003 by BROADCOM CORPORATION. All rights reserved. 7315-PB02-R 12/29/03
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM7315

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X